Part Number Hot Search : 
36000 30201 74HC27 STN1802 00095 ATV5000 ICS9L P1200A
Product Description
Full Text Search
 

To Download NAZU100M50V63X63NBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nazu series features ? cylindrical v-chip construction for surface mounting ? low impedance at 100khz ? extended load life (3,000 @ +105c) ? designed for 260c reflow soldering ? meets the requirements of aec-q200* *contact nic for supporting test data characteristics low esr component liquid electrolyte for performance data see www.lowesr.com rated voltage rating 6.3 ~ 50vdc rated capacitance range 10 ~ 330 f operating temp. range -40 ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 miuntes @ 20c 0.01cv or 3 a whichever is greater tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8.0 13 20 32 44 63 tan 0.28 0.24 0.22 0.16 0.13 0.12 low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 z-25c/z+20c 432222 z-40c/z+20c 10 75333 load life test @ 105c at rated working voltage 3,000 hrs capacitance change within 30% of initial measured value tan less than 300% of the speci ed maximum value leakage current less than the speci ed maximum value precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com cap ( f) code working voltage (vdc) 6.3 10 16 25 35 50 10100---- 5x6.3 6.3x6.3 22 220 - - 5x6.3 5x6.3 6.3x6.3 6.3x6.3 33 330 - 5x6.3 - 6.3x6.3 - 6.3x8 47 470 5x6.3 - 6.3x6.3 6.3x6.3 6.3x8 - 100 101 6.3x6.3 - 6.3x6.3 6.3x8 - - 150 151 - 6.3x6.3 6.3x8 - - - 220 221 6.3x8 - 6.3x8 - - - 330 331 6.3x8 ----- dimensions (mm) and reel quantities case size d0.5 l max. a0.2 b0.2 i0.3 w p0.3 qty/reel 5x6.3 5.0 6.3 5.3 5.3 2.2 0.5~0.8 1.4 800 6.3x6.3 6.3 6.3 6.6 6.6 2.5 0.5~0.8 2.2 800 6.3x8 6.3 8.0 6.6 6.6 2.5 0.5~0.8 2.2 500 0.3mm max. d l + - i i w p a b code peak re ow temperature n 260c code finish & reel size b sn-bi finish & 13" reel lb sn-bi finish & 15" reel s 100% sn finish & 13" reel ls 100% sn finish & 15" reel peak reflow temperature codes standard values and case sizes (mm) termination finish & packaging options codes sac alloy compatible 230c ~ 260c *see part number system for details pnb s fd i l rohs compliant includes all homogeneous materials nazu 101 m 16v 6.3x6.3 n b y f rohs compliant termination/packaging code re ow temperature code size in mm working voltage tolerance code m=20% capacitance code in mf, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system optional: suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. impedance ( ) +20c, 100khz max. ripple current (ma) +105c, 100khz load life hours @ +105c nazu470m6.3v5x6.3nbf 47 6.3 0.28 1.30 95 3,000 nazu101m6.3v6.3x6.3nbf 100 0.28 0.70 140 3,000 nazu221m6.3v6.3x8nbf 220 0.28 0.60 230 3,000 nazu331m6.3v6.3x8nbf 330 0.28 0.60 230 3,000 nazu330m10v5x6.3nbf 33 10 0.24 1.30 95 3,000 nazu151m10v6.3x6.3nbf 150 0.24 0.70 140 3,000 nazu220m16v5x6.3nbf 22 16 0.22 1.30 95 3,000 nazu470m16v6.3x6.3nbf 47 0.22 0.70 140 3,000 nazu101m16v6.3x6.3nbf 100 0.22 0.70 140 3,000 nazu151m16v6.3x8nbf 150 0.22 0.60 230 3,000 nazu221m16v6.3x8nbf 220 0.22 0.60 230 3,000 nazu220m25v5x6.3nbf 22 25 0.16 1.30 95 3,000 nazu330m25v6.3x6.3nbf 33 0.16 0.70 140 3,000 nazu470m25v6.3x6.3nbf 47 0.16 0.70 140 3,000 nazu101m25v6.3x8nbf 100 0.16 0.60 230 3,000 nazu100m35v5x6.3nbf 10 35 0.13 1.30 95 3,000 nazu220m35v6.3x6.3nbf 22 0.13 0.70 140 3,000 nazu470m35v6.3x8nbf 47 0.13 0.60 230 3,000 nazu100m50v6.3x6.3nbf 10 50 0.12 2.00 70 3,000 nazu220m50v6.3x6.3nbf 22 0.12 2.00 70 3,000 nazu330m50v6.3x8nbf 33 0.12 1.35 100 3,000 surface mount aluminum electrolytic capacitors nazu series standard values, case sizes and specifications diameter time above 200c time above 230c peak temperature 5 seconds 5 ~ 6.3mm 80 sec. max. 40 sec. max. 260c peak reflow temperature and duration time above 200c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (see table) 230 time above 230c (see table) case size a b c 5x6.3 1.4 3.0 1.8 6x3x6.3 6.3x8 2.1 3.5 1.8 a c b recommended land pattern dimensions (mm) frequency 100hz 1khz 10khz 100khz 10 ~ 33 f 0.60 0.75 0.95 1.00 47 ~ 330 f 0.75 0.85 0.95 1.00 ripple current frequency correction factors review & compare re ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl for automotive equipment, see part number system capacitors can withstand two times reflow at the above conditions. second reflow shall be at least one hour after natural cool to room temperature.


▲Up To Search▲   

 
Price & Availability of NAZU100M50V63X63NBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X